Part Number Hot Search : 
X24F016S C102G2 AN1380 MAX21 70104 92196 57704EL 16301F
Product Description
Full Text Search
 

To Download 2SB1172 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB1172, 2SB1172A
Silicon PNP epitaxial planar type
For low-frequency power amplification Complementary to 2SD1742, 2SD742A Features
* High forward current transfer ratio hFE which has satisfactory linearity * Low collector-emitter saturation voltage VCE(sat) * I type package enabling direct soldering of the radiating fin to the printed circuit board, etc. of small electronic equipment
7.00.3 3.00.2 2.00.2 3.50.2
Unit: mm
0 to 0.15
2.50.2
12.60.3 7.20.3
1.10.1
Parameter Collector-base voltage (Emitter open) 2SB1172 2SB1172A
Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Ta = 25C
Rating -60 -80 -60 -80 -5 -3 -5 15 1.3 150 -55 to +150
Unit V
1.00.2
0.750.1 0.40.1 2.30.2 4.60.4
0.90.1 0 to 0.15
Collector-emitter voltage 2SB1172 (Base open) 2SB1172A Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation
V
1
2
3
V A A W C C
1: Base 2: Collector 3: Emitter I-G1 Package
Note) Self-supported type package is also prepared.
Junction temperature Storage temperature
Electrical Characteristics TC = 25C 3C
Parameter Collector-emitter voltage (Base open) Base-emitter voltage Collector-emitter cutoff current (E-B short) Collector-emitter cutoff current (Emitter open) 2SB1172 2SB1172A 2SB1172 2SB1172A IEBO hFE1
*
Symbol 2SB1172 2SB1172A VBE ICES ICEO VCEO
Conditions IC = -30 mA, IB = 0 VCE = -4 V, IC = -3 A VCE = -60 V, VBE = 0 VCE = -80 V, VBE = 0 VCE = -30 V, IB = 0 VCE = -60 V, IB = 0 VEB = -5 V, IC = 0 VCE = -4 V, IC = -1 A VCE = -4 V, IC = -3 A IC = -3 A, IB = - 0.375 A VCE = -10 V, IC = - 0.5 A, f = 10 MHz IC = -1 A, IB1 = - 0.1 A, IB2 = 0.1 A VCC = -50 V
Min -60 -80
Typ
Max
Unit V
-1.8 -200 -200 -300 -300 -1 70 10 -1.2 30 0.5 1.2 0.3 250
V A A mA V MHz s s s
Emitter-base cutoff current (Collector open) Forward current transfer ratio
hFE2 Collector-emitter saturation voltage Transition frequency Turn-on time Storage time Fall time VCE(sat) fT ton tstg tf
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Rank classification Rank Q P hFE2
Publication date: February 2003
70 to 150
120 to 250
2.50.2
Absolute Maximum Ratings TC = 25C
(1.0)
(1.0)
SJD00048AED
1
2SB1172, 2SB1172A
PC Ta
20
IC VCE
-6
-10
TC=25C
IC VBE
VCE=-4V
Collector power dissipation PC (W)
(1)TC=Ta (2)Without heat sink (PC=1.3W)
-5
-8
-80mA -60mA
Collector current IC (A)
-4
Collector current IC (A)
15
IB=-100mA
-6
25C
10 (1)
-3
-40mA -30mA -20mA
-4
TC=100C
-25C
-2
5
-1
(2) 0
-16mA
-12mA -8mA -4mA
-2
0
0 40 80 120 160
0
-2
-4
-6
-8
-10
-12
0
0
- 0.4
- 0.8
-1.2
-1.6
-2.0
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Base-emitter voltage VBE (V)
VCE(sat) IC
Collector-emitter saturation voltage VCE(sat) (V)
-100
IC/IB=10
hFE IC
104
VCE=-4V
fT I C
104
VCE=-5V f=10MHz TC=25C
Forward current transfer ratio hFE
-10
Transition frequency fT (MHz)
103
25C TC=100C
103
-1
102
-25C
102
TC=100C -25C 25C
- 0.1
10
10
- 0.01 - 0.01
- 0.1
-1
-10
1 - 0.01
- 0.1
-1
-10
1 - 0.01
- 0.1
-1
-10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Safe operation area
-100
Non repetitive pulse TC=25C
Rth t
103 (1)Without heat sink (2)With a 50x50x2mm Al heat sink
Collector current IC (A)
-10
ICP IC t=1ms t=10ms t=300ms
Thermal resistance Rth (C/W)
102
(1) (2)
-1
10
- 0.1
2SB1172A 2SB1172
1
- 0.01 -1
-10
-100
-1 000
10-1 10-4
10-3
10-2
10-1
1
10
102
103
104
Collector-emitter voltage VCE (V)
Time t (s)
2
SJD00048AED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of 2SB1172

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X